PART |
Description |
Maker |
BA2903FV-E2 BA2901SKN-E2 BA8391G |
DUAL COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO8 QUAD COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, QCC16 COMPARATOR, 15000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO5
|
|
ADD8704ARUZ ADD8704ARU-REEL ADD8704 ADD8704ARUZ-RE |
16 V Quad Operational Amplifier QUAD OP-AMP, 15000 uV OFFSET-MAX, 5.8 MHz BAND WIDTH, PQCC16 16 V Quad Operational Amplifier 16 V的四路运算放大器 16 V Quad Operational Amplifier QUAD OP-AMP, 15000 uV OFFSET-MAX, 5.8 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc. AD[Analog Devices]
|
LT1012AIS8 LT1012CN8PBF LT1012MH883 LT1012MH883C L |
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp JT 21C 21#16 SKT PLUG OP-AMP, 180 uV OFFSET-MAX, PDSO8 Picoamp Input Current, Microvolt Offset, Low Noise Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 200 uV OFFSET-MAX, PDIP8 OP-AMP, MBCY8 OP-AMP, 0 uV OFFSET-MAX, MBCY8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1206CY |
250mA/60MHz Current Feedback Amplifier OP-AMP, 15000 uV OFFSET-MAX, 50 MHz BAND WIDTH, PZFM7
|
Vishay Intertechnology, Inc.
|
LT1497CS8TRPBF |
Dual 125mA, 50MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 15000 uV OFFSET-MAX, PDSO8
|
Linear Technology, Corp.
|
ISL24021IRT065Z-T13 ISL24021IRT065Z |
1A Rail-to-Rail Input-Output Operational Amplifier; 8-TDFN; Ind Temp OP-AMP, 15000 uV OFFSET-MAX, PDSO8
|
Intersil, Corp. Intersil Corporation
|
SP4-2520/883 SP7-2520-2 SP3-2525-5 SP3-2520-5 |
OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, CQCC20 CERAMIC, LCC-20 OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, CDIP8 MINI, CERDIP-8 OP-AMP, 10000 uV OFFSET-MAX, 20 MHz BAND WIDTH, PDIP8 OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, PDIP8
|
Intersil, Corp. E2V Technologies PLC
|
LTC1540CS8TRPBF LTC1540CS8TR LTC1540CMS8TR LTC1540 |
Nanopower Comparator with Reference; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 16000 uV OFFSET-MAX, 70000 ns RESPONSE TIME, PDSO8 Nanopower Comparator with Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 15000 uV OFFSET-MAX, 70000 ns RESPONSE TIME, PDSO8
|
Linear Technology, Corp.
|
LT1008 LT1008CH LT1008CN8 LT1008MH |
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp 微小输入电流,伏失调,低噪声运算放大 Picoamp Input Current,Microvolt Offset,Low Noise Op Amp OP-AMP, 250 uV OFFSET-MAX, MBCY8 Picoamp Input Current,Microvolt Offset,Low Noise Op Amp OP-AMP, 320 uV OFFSET-MAX, MBCY8 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
ASOP-27AJ ASOP-27BJ ASOP-27CJ ASOP-27EJ ASOP-27FJ |
OP-AMP, 60 uV OFFSET-MAX, 8 MHz BAND WIDTH, MBCY8 TO-99, 8 PIN OP-AMP, 200 uV OFFSET-MAX, 8 MHz BAND WIDTH, MBCY8 TO-99, 8 PIN OP-AMP, 300 uV OFFSET-MAX, 8 MHz BAND WIDTH, MBCY8 TO-99, 8 PIN OP-AMP, 50 uV OFFSET-MAX, 8 MHz BAND WIDTH, MBCY8 TO-99, 8 PIN OP-AMP, 140 uV OFFSET-MAX, 8 MHz BAND WIDTH, MBCY8 TO-99, 8 PIN OP-AMP, 220 uV OFFSET-MAX, 8 MHz BAND WIDTH, MBCY8 TO-99, 8 PIN
|
Calogic, LLC
|
ADOP-37CCHIPS ADOP-37GCHIPS ADOP-37EN |
OP-AMP, 100 uV OFFSET-MAX, 63 MHz BAND WIDTH, UUC5 DIE-5 OP-AMP, 25 uV OFFSET-MAX, 63 MHz BAND WIDTH, PDIP8 MINI, PLASTIC, DIP-8
|
Analog Devices, Inc.
|
|